Part Number Hot Search : 
LU1S041 STV6888 5TRPB VMP6G A1SHB W9020 C3927 DS120
Product Description
Full Text Search
 

To Download SR306 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SR302 - SR306
HIGH CURRENT SCHOTTKY BARRIER RECTIFIER Features
* * * * Low Forward Drop High Surge Current Capacity Guard Ring for Transient Protection Low Power Loss, High Efficiency
NOT RECOMMENDED FOR NEW DESIGNS, USE SB3X0 SERIES
A
B
A
Mechanical Data
* * * * * * Case: DO-201AD, Molded Plastic Plastic Package: UL Flammability Classification Rating 94V-0 Moisture sensitivity: Level 1 per J-STD-020A Terminals: Axial lead, Solderable per MIL-STD-202, Method 208 Polarity: Cathode band Weight: 1.2 grams (approx.)
Dim A B C D Min 25.40 7.20 1.20 4.80
D
DO-201AD Max 3/4 9.50 1.30 5.30
C
All Dimensions in mm
Maximum Ratings and Electrical Characteristics
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage TL = 95C TL = 100C Non-repetitive Peak Forward Surge Current 8.3ms half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage Peak Reverse Current at Rated DC Blocking Voltage Typical Thermal Resistance (Note 2) Typical Total Capacitance (Note 3) Operating and Storage Temperature Range @IF = 3.0A @ TA = 25C @ TA = 100C Average Rectified Output Current (Note 1) Symbol VRRM VRWM VR VR(RMS) IO IFSM VF IR RqJA CT TJ, TSTG
@ TA = 25C unless otherwise specified
SR302 20 14
SR303 30 21 3.0 3/4
SR304 40 28
SR305 50 35 3/4 3.0
SR306 60 42
Unit V V A A
80 0.55 1.0 20 20 300 -65 to +150 0.72
V mA C/W pF C
Notes:
1. Lead Temperature TL measured 9.5mm lead length from body. 2. Thermal Resistance from Junction to Ambient Vertical PC Board Mounting, 1.27mm Lead Length. 3. Measured at 1.0MHz and applied reverse voltage of 4.0V.
DS23025 Rev. 5 - 3
1 of 2
SR302-SR306
IO, AVERAGE RECTIFIED OUTPUT CURRENT (A)
IF, INSTANTANEOUS FWD CURRENT (A)
4.0
40
SR302 SR303 SR304
3.0
10
2.0
SR302 SR303 SR304
SR305 SR306
SR305 SR306
1.0
1.0
Single Phase Half Wave 60Hz Resistive or Inductive Load
0 20 40 60 80 100 120 140 TL, LEAD TEMPERATURE (C) Fig. 1, Forward Current Derating Curve
0.1 0.1 0.3 0.5
TJ = 25C Pulse Width = 300s 2% Duty Cycle
0.7
0.9
1.1
VF, INSTANTANEOUS FWD VOLTAGE (V) Fig. 2, Typical Forward Characteristics
100
TJ = 25C
IFSM, PEAK FORWARD SURGE CURRENT (A)
1000
CT, TOTAL CAPACITANCE (pF)
80
60
100
40
20
8.3ms Single Half Sine-Wave JEDEC Method
10
0.1
1.0
10
100
0 1
10
100
VR, REVERSE VOLTAGE (VOLTS) Fig. 3, Typical Total Capacitance
NUMBER OF CYCLES AT 60 Hz Fig. 4, Max Non-Repetitive Peak Fwd Surge Current
NOT RECOMMENDED FOR NEW DESIGNS, USE SB3X0 SERIES
DS23025 Rev. 5 - 3
2 of 2
SR302-SR306


▲Up To Search▲   

 
Price & Availability of SR306

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X